Part Number Hot Search : 
90P06 TFS150 RF620T 47N60F 1206R ICM7207 GS1531 ADM6326
Product Description
Full Text Search
 

To Download RF142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF142
Heterojunction Bipolar Transistor Power Amplifier Dual-Band Controller for GSM and PCS Applications
The RF142 Power Amplifier (PA) controller is a highly integrated, monolithic device optimized for use in 900 MHz, 1800 MHz, and 1900 MHz Global System For Mobile communications(R) (GSM(R)) and other Time Division Multiple Access (TDMA) applications. The control current output from the RF142 can be used to control the transmit power of a dual or multi-band Heterojunction Bipolar Transistor (HBT) PA. The device consists of two sections: an RF detector, and a gain controller. The RF142, when combined with a PA and a coupler, forms a closed PA control loop, where the PA output power is controlled by a single analog reference voltage, typically supplied by the baseband. The RF142 device package and pin configuration are shown in Figure 1. The signal pin assignments and functional pin descriptions are specified in Table 1. An RF142 block diagram is shown in Figure 2.
Features
* RF PA controller for use with HBT PAs * 50 dB detector dynamic range * Broadband, logarithmic power detector (800 MHz to 2000 MHz) * Logarithmic RF power detector requires no external diodes * Integrator and gain shaping block enhance loop stability and linearity * Three-cell battery operation (2.7 V to 5.0 V) * Standby mode with 20 A of current consumption * 20-pin Thin Shrink Small Outline Package (TSSOP)
Applications
* Transmit power control for dual or multi-band GSM digital cellular handsets
G ND1 VREF VMP VAPC+ VAPCENABLE RFPC+ RFPCG ND2 VCC1
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VCC2 VPCGSM VPCDCS BAND AUXAUX+ CAPCAP+ NC NC
100774A-1_090700
Figure 1. RF142 Pin Configuration - 20-Pin TSSOP
Data Sheet
Conexant
Proprietary Information and Specifications are Subject to Change
Doc. No. 100774B September 7, 2000
RF142 Table 1. RF142 Signal Description Pin #
1 2 3 4 5 6 7 8 9 10
Power Amplifier Controller
Name
GND1 VREF VMP VAPC+ VAPC- ENABLE RFPC+ RFPC- GND2 VCC1 Ground
Description
Output reference voltage Midpoint voltage for gain shaper Tx power control positive polarity Tx power control negative polarity Device enable (active high) RF input to detector positive polarity RF input to detector negative polarity Ground Power supply
Pin #
11 12 13 14 15 16 17 18 19 20
Name
NC NC CAP+ CAP- AUX+ AUX- BAND VPCDCS VPCGSM VCC2 No connect No connect
Description
Integrator time constant Cap+ Integrator time constant Cap- Aux output + Aux output - Band select. High selects VPCDCS as the output control pin; low selects VPCGSM as the output control pin. 1800 MHz/1900 MHz power amplifier control voltage 900 MHz power amplifier control voltage Vcc for the output stage
BAND
VPCGSM VREF VMP
Gain Shaper
VPCDCS RFPC+ RFPC- VCC2 VCC1 GND
AUX+
Logarithmic Detector Amp 1 Amp 2
DC Bias Circuitry
AUX-
CAP- CAP+
VAPC- VAPC+
ENABLE
C013
Figure 2. RF142 Block Diagram
Technical Description
The RF142 dual-band PA controller is designed to control HBT PAs. It combines the functions of a broadband RF detector and error amplifier/integrator to provide transmit burst control for dual or multi-band HBT PAs. It has two separate dedicated output stages and pins for GSM900MHz PAs and GSM1800/1900 MHz PAs. The device, when connected to dual or multi-band HBT PAs with a coupler, forms a loop to control the transmit power in a dual or multi-band wireless application. The transmit power is controlled by a single balanced analog reference voltage input to the RF142. The RF142 has low power consumption and operates off a three-cell battery pack (2.7 V to 5.0 V). Extremely low standby current of 20 A maximizes the standby time of a GSM handset. The absolute maximum ratings of the RF142 are provided in Table 2, the operating conditions are specified in Table 3, and electrical specifications are provided in Table 4. Figure 3 shows
2 September 7, 2000
the diagram for a typical application circuit using the RF142 PA controller. Figure 4 shows the package dimensions for the 20pin TSSOP device and Figure 5 provides the tape and reel dimensions. RF Detector. An external RF coupler is required at the PA output to couple the RF output from the PA to the RF logarithmic detector input. The input to the logarithmic detector must be within the range -40 dBm to +10 dBm. The coupled signal is fed to the input of the RF power detector. The output from the detector is a DC voltage that is proportional to the RF power (in dBm) at the RFPC input to the device. The dynamic range of the detector is 50 dB. Integrating Error Amplifier. The integrating error amplifier (Amp2) amplifies and integrates the voltage difference between the detector output and the power control input, VAPC. The integrator time constant is set by the two external capacitors connected from AUX pins to the CAP pins.
Conexant
Proprietary Information and Specifications are Subject to Change
100774A
Power Amplifier Controller
RF142
Gain Shaper. The output of the integrator is fed to the gain shaping circuit that drives the gain control input of the external RF PA. The midpoint voltage of the PA control voltage VPC, is determined by the VMP input. The VMP input is obtained by connecting a resistor divider to the 2.4 V reference output, VREF. The integrator in the integrating error amplifier is used to stabilize the loop. The maximum voltage obtainable on VPCGSM and VPCDCS is generally 1 V below VCC2 (pin 20). Therefore, it may be more desirable to use a higher voltage than VCC. Output Stages. Each of the two output stages is dedicated to a frequency band: one for GSM900MHz and one for GSM1800/PCS1900 MHz. The selection of the output stage is determined by the BAND select signal. A high signal selects the VPCDCS as the output pin and a low signal selects VPCGSM
as the output pin. When either output is inactive, its residual output level is extremely low to ensure that the inactive PA is completely off. DC Bias Block. The DC bias block provides voltage bias to the whole chip, which may be put in standby mode using the ENABLE digital input control pin (pin 6). The ENABLE pin is compatible with TTL levels. When the ENABLE pin is driven high, the device is enabled.
Electro-Static Discharge (ESD) Sensitivity
The RF142 is a static sensitive electronic device. Do not operate or store it near strong electrostatic fields. Take proper ESD precautions.
Table 2. Absolute Maximum Ratings Parameter
Storage Temperature Supply Voltage Power Dissipation Input Voltage Range
Minimum
-40 -0.3 --0.3
Maximum
+125 5.0 500 Vcc
Units
C V mW V
Table 3. RF142 Recommended Operating Conditions Parameter
Supply Voltage (Vcc) Operating Temperature
Minimum
2.7 -30
Typical
3.6 +25
Maximum
4.8 +85
Units
V C
Table 4. RF142 Electrical Characteristics (1 of 2)
(TA = 25 C, Vcc = 3.6 V)
Parameter
Detector frequency range Detector monotonic dynamic range Detector gain Detector stability Detector non-linearity error VAPC common mode range VAPC differential range VAPC input impedance VREF GSM Maximum Control Voltage DCS Maximum Control Voltage f
Symbol
Test Condition
Min
800 50
Typ
Max
2000
Units
MHz dB mV/dB
15 Maximum input power and over temperature range. Minimum input power and over temperature range. RFPC from -40 dBm to +8 dBm 1.35 1 ZVAPC VREF VPCGSM VPCDCS Band <= 0.8 V Ivpcgsm <= 75 mA Band >= 1.90 V Ivpcdcs <= 50 mA 2.2 Vcc-1.1 Vcc-1.1 20//5 2.4 Vcc-1.0 Vcc-1.0 2.6 Vcc-0.9 Vcc-0.9 0.5 3 2
dB dB dB V Vp-p k//pF V V V
100774A
Conexant
Proprietary Information and Specifications are Subject to Change
3 September 7, 2000
RF142 Table 4. RF142 Electrical Characteristics (2 of 2)
(TA = 25 C, Vcc = 3.6 V)
Power Amplifier Controller
Parameter
GSM Maximum Sink/Source Control Current DCS Maximum Sink/Source Control Current VPCGSM off voltage VPCDCS off voltage Control output noise Error amplifier gain (Note) Auxiliary amplifier gain Standby current Supply current BAND and ENABLE VIH BAND and ENABLE VIL Note. Included Gain Shaper
Symbol
Ivpcgsm Ivpcdsc BAND <= 0.8 V BAND >= 1.90 V ENABLE = high BAND = low ENABLE = high BAND = high GSM and DCS
Test Condition
Min
90 70
Typ
100 80
Max
110 90 0.1 0.1 12
Units
mA mA V V nV/Hz dB dB A mA V V
Low gain on shaper ISTDBY ICC VIH VIL ENABLE = low VPCGSM and VPCDCS source current = 0 mA
35 25
40 28 20 58
44 31 75 0.8
1.9
VPA
VCC GND
GND
VCC GND DCSOUT T/R SW
TXDCS
FEEDBACK TO MIXER
DCSIN GND GSMIN
Dual Band PA
GND GSMOUT GND T/R SW
DIPLEXER
TO ANTENNA
TXGSM
GND
FILTER
DCSAPC GND GSMAPC
BAND VPCDCS Gain Shaper VPCGSM
Logarithmic Detector
VREF VMP
AUX+ AUXAmp 1 Amp 2
RFPC+ RFPCVCC1 VCC2 GND
VPAC
RF142
CAPCAP+ VAPC-
DC Bias Circuitry
VAPC+
ENABLE
PAEN
PA RAMP CONTROL
C473
Figure 3. Typical RF142 Application Circuit 4 September 7, 2000
Conexant
Proprietary Information and Specifications are Subject to Change
100774A
Power Amplifier Controller
RF142
0.65 mm
Pin #1 indicator
6.500.10 mm
1.00+0.5/-0.2 mm 1.20 mm max
6.40 mm
0.24+0.06/-0.05 mm
0.100.05 mm
SIDE VIEW TOP VIEW
1.00 mm Ref
4.400.10 mm
END VIEW
Figure 4. RF142 Package Dimensions - 20-Pin TSSOP
C003a
8.00 0.10
4.00 0.10
1.50 0.10 2.00 0.05
1.75 0.10
Pin #1 indicator
12.00 +0.30/-0.10 5.50 0.05
1.50 0.25 4.00 0.292 0.013 1.20
o 8 Max
7o Max
Notes: 1. Carrier tape material: black conductive polycarbonate 2. Cover tape material: transparent conductive PSA 3. Cover tape size: 9.3 mm width 4. Tolerance: .XX = 0.10 5. Quantity: 2500 per reel 6. All measurements are in millimeters
6.75 0.10
1.70 0.10
7.05 0.10
C879
Figure 5. RF142 Tape and Reel Dimensions
100774A
Conexant
Proprietary Information and Specifications are Subject to Change
5 September 7, 2000
RF142
Power Amplifier Controller
Ordering Information
Model Name
GSM and PCS PA Controller
Manufacturing Part Number
RF142
Product Revision
(c) 2000, Conexant Systems, Inc. All Rights Reserved.
Information in this document is provided in connection with Conexant Systems, Inc. ("Conexant") products. These materials are provided by Conexant as a service to its customers and may be used for informational purposes only. Conexant assumes no responsibility for errors or omissions in these materials. Conexant may make changes to specifications and product descriptions at any time, without notice. Conexant makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Conexant's Terms and Conditions of Sale for such products, Conexant assumes no liability whatsoever. THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED, RELATING TO SALE AND/OR USE OF CONEXANT PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. CONEXANT FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. CONEXANT SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS, WHICH MAY RESULT FROM THE USE OF THESE MATERIALS. Conexant products are not intended for use in medical, lifesaving or life sustaining applications. Conexant customers using or selling Conexant products for use in such applications do so at their own risk and agree to fully indemnify Conexant for any damages resulting from such improper use or sale. The following are trademarks of Conexant Systems, Inc.: ConexantTM, the Conexant C symbol, and "What's Next in Communications Technologies"TM. Product names or services listed in this publication are for identification purposes only, and may be trademarks of third parties. Third-party brands and names are the property of their respective owners. For additional disclaimer information, please consult Conexant's Legal Information posted at www.conexant.com, which is incorporated by reference. Reader Response: Conexant strives to produce quality documentation and welcomes your feedback. Please send comments and suggestions to conexant.tech.pubs@conexant.com. For technical questions, contact your local Conexant sales office or field applications engineer.
6 September 7, 2000
Conexant
Proprietary Information and Specifications are Subject to Change
100774A
Further Information literature@conexant.com (800) 854-8099 (North America) (949) 483-6996 (International) Printed in USA World Headquarters Conexant Systems, Inc. 4311 Jamboree Road Newport Beach, CA 92660-3007 Phone: (949) 483-4600 Fax 1: (949) 483-4078 Fax 2: (949) 483-4391 Americas U.S. Northwest/ Pacific Northwest - Santa Clara Phone: (408) 551-0270 Fax: (408) 249-7113 U.S. Southwest - Los Angeles Phone: (949) 483-9119 Fax: (949) 483-9090 U.S. Southwest - Orange County Phone: (949) 483-9119 Fax: (949) 483-9090 U.S. Southwest - San Diego Phone: (858) 713-3374 Fax: (858) 713-4001 U.S. North Central - Illinois Phone: (630) 773-3454 Fax: (630) 773-3907 U.S. South Central - Texas Phone: (972) 733-0723 Fax: (972) 407-0639 U.S. Northeast - Massachusetts Phone: (978) 367-3200 Fax: (978) 256-6868 U.S. Southeast - North Carolina Phone: (919) 858-9110 Fax: (919) 858-8669 U.S. Southeast - Florida/ South America Phone: (727) 799-8406 Fax: (727) 799-8306 U.S. Mid-Atlantic - Pennsylvania Phone: (215) 244-6784 Fax: (215) 244-9292 Canada - Ontario Phone: (613) 271-2358 Fax: (613) 271-2359 Europe Europe Central - Germany Phone: +49 89 829-1320 Fax: +49 89 834-2734
Europe North - England Phone: +44 (0)118 920 9500 Fax: +44 (0)118 920 9595 Europe - Israel/Greece Phone: +972 9 9524000 Fax: +972 9 9573732 Europe South - France Phone: +33 1 41 44 36 51 Fax: +33 1 41 44 36 90 Europe Mediterranean - Italy Phone: +39 02 93179911 Fax: +39 02 93179913 Europe - Sweden Phone: +46 (0) 8 5091 4319 Fax: +46 (0) 8 590 041 10 Europe - Finland Phone: +358 (0) 9 85 666 435 Fax: +358 (0) 9 85 666 220 Asia - Pacific Taiwan Phone: (886-2) 2-720-0282 Fax: (886-2) 2-757-6760 Australia Phone: Fax: (613) 9583 2650 (613) 9583 9453
China - Central Phone: 86-21-6361-2515 Fax: 86-21-6361-2516 China - South Phone: (852) 2 827-0181 Fax: (852) 2 827-6488 China - South (Satellite) Phone: (86) 755-518-2495 China - North Phone: (86-10) 8529-9777 Fax: (86-10) 8529-9778 India Phone: Fax: Korea Phone: Fax: (91-11) 692-4789 (91-11) 692-4712 (82-2) 565-2880 (82-2) 565-1440
Korea (Satellite) Phone: (82-53) 745-2880 Fax: (82-53) 745-1440 Singapore Phone: Fax: Japan Phone: Fax: (65) 737 7355 (65) 737 9077 (81-3) 5371 1520 (81-3) 5371 1501
www.conexant.com


▲Up To Search▲   

 
Price & Availability of RF142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X